PART |
Description |
Maker |
MB3505-BC01 MB351-BC01 MB352-BC01 MB354-BC01 MB356 |
35A, 600V ultra fast recovery rectifier 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
VBO20-08NO2 VBO20-12AO2 VBO20-12NO2 VBO20-14AO2 VB |
Single Phase Rectifier Bridge - Standard and Avalanche Types 31 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge - Standard and Avalanche Types 31 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
2KBP06M 2KBP01M 2KBP005M 2KBP10M 2KBP08M 2KBP02M 2 |
2.0AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE 2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
|
http:// New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conduct...
|
KBPC15-04 KBPC25-04 KBPC25-08 KBPC10-04 KBPC35-02 |
10 to 40 Amp SINGLE PHASE SILICON BRIDGE 1040安培单相硅桥 10 to 40 Amp SINGLE PHASE SILICON BRIDGE 100安培单相硅桥
|
Electronic Theatre Controls, Inc.
|
VHF36-08IO5 VHF36-12IO5 VHF36-14IO5 VHF36-16IO5 L0 |
Half Controlled Single Phase Rectifier Bridge 28 A, 1400 V, SCR Half Controlled Single Phase Rectifier Bridge 28 A, 1200 V, SCR Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode(VRRM00-1600V的半桥控制单相位整流带自由滑动的二极管)) Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
1102B 1106B 1110FB 1102UFB |
200 V - 1,000 V Single Phase Bridge 1.5 A, SILICON, BRIDGE RECTIFIER DIODE
|
Voltage Multipliers, Inc.
|
RS603M RS606M RS605M RS604M RS601M RS602M RS607M R |
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
|
Micro Commercial Components RECTRON[Rectron Semiconductor]
|
DBI25-16 DBI15-005 DBI15-01 DBI15-02 DBI15-04 DBI1 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE Three-Phase Si-Bridge Rectifiers 3 PHASE, 17 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 2.49K 1/10W 0.1% 0805
|
SEMIKRON[Semikron International]
|